PART |
Description |
Maker |
KL2A101MS KL1J010MS KL1J100MS KL1J101MS KL1J220MS |
CHIP TYPE, 5000 HOURS LOAD LIFE 芯片类型,负载寿000小时
|
DB Lectro Inc. DB Lectro, Inc.
|
450CXW150MEFC18X40 |
105 Long Life(5000 hours),Ultra Miniaturized
|
RUBYCON CORPORATION
|
EMVL250ADA331MJA0G EMVL250ADA330MF60G EMVL160ADA47 |
3000 to 5000-hours-life, 105? 3000 to 5000-hours-life, 105?
|
United Chemi-Con, Inc.
|
335TXK400MFH 106TXK450MGJG 156TXK350MGJG |
High Voltage Low Impedance Long Life, 5000 hours
|
Illinois Capacitor, Inc...
|
EMZK160ADA EMZK160ADA101MF61G EMZK160ADA330ME61G E |
Low impedance, 5000-hours-life, 105?
|
United Chemi-Con, Inc.
|
AQY414SZ AQY14 AQY410SX AQY410SZ AQY414SX |
GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type 顾(一般使用)型SOP系列1 -频道(表B引脚 PhotoMOS relay, GU (general use) type, 1-channel (form B). Output rating: load voltage 400 V, load current 100 mA. PhotoMOS relay, GU (general use) type, 1-channel (form B). Output rating: load voltage 350 V, load current 120 mA.
|
Nais(Matsushita Electri... Panasonic, Corp. NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
AQY221R2SX AQY221R2SZ |
PhotoMOS relay, RF (radio frequency). 1 form A, R 10 type. Output rating: load voltage 40 V, load current 250 mA.
|
Matsushita Electric Works(Nais)
|
AD53032 AD53032JSTP |
Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Performance Driver/Comparator Active Load on a Single Chip DRIVER/COMPARATOR/LOAD: A Single Chip that Performs the Pin Electronics Functions of Driver, Comparator and Active Load in ATE VLSI and Memory Testers
|
Analog Devices, Inc. AD[Analog Devices]
|
CHF5KP30A CHF5KP50A CHF5KP110CA MSC0997 CHF5KP65A |
Patented Flip Chip Series FLIP CHIP TVS DIODES From old datasheet system Transient Voltage Suppressor 瞬态电压抑制器 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE FLIP CHIP-2
|
MICROSEMI[Microsemi Corporation] Atmel, Corp. Microsemi, Corp. Vishay Intertechnology, Inc.
|
AQW214EHA AQW214EH AQW214EHAX AQW214EHAZ AQW210EHA |
PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Through hole terminal. PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. Surface-mount trminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount trminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount trminal. Picked from the 5/6/7/8-pin side. PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. Surface-mount trminal. Picked from the 5/6/7/8-pin side. GU (General Use)-E Type 2-Channel (Form A) Type 顾(一般使用)- E通道(A型) PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. Through hole terminal.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)] Electronic Theatre Controls, Inc.
|
046232105102800 046232103015800 046232103103800 04 |
1.0mm Pitch LIF RA SMT
|
AVX Corporation
|